Part Number Hot Search : 
ST230 DTA114EB MR34509 AY1101W 4R7M4 CS571 V30LL R2000
Product Description
Full Text Search
 

To Download STW33N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STW33N20
N - CHANNEL ENHANCEMENT MODE POWER MOSFET
TYPE ST W33N20
s s s s s s s s
V DSS 200 V
R DS(on) < 0.085
ID 33 A
TYPICAL RDS(on) = 0.073 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100 oC LOW GATE CHARGE HIGH CURRENT CAPABILITY 150 oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION
3 2 1
TO-247
APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s DC-DC CONVERTERS & DC-AC INVERTERS s TELECOMMUNICATION POWER SUPPLIES s INDUSTRIAL MOTOR DRIVES
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS VDGR V GS ID ID I DM (*) P t ot Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 o C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at Tc = 25 C Derating Factor T stg Tj St orage Temperature Max. Operating Junction Temperature
o
Value 200 200 20 33 20 132 180 1.44 -65 to 150 150
Uni t V V V A A A W W/ C
o o o
C C
(*) Pulse width limited by safe operating area
October 1997
1/9
STW33N20
THERMAL DATA
R t hj-ca se R t hj- amb R thc- si nk Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 0.66 30 0.1 300 C/W oC/W o C/W o C
o
AVALANCHE CHARACTERISTICS
Symb ol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max, < 1%) Single Pulse Avalanche Energy (starting Tj = 25 o C, I D = IAR , VDD = 50 V) Max Valu e 33 600 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symb ol V (BR)DSS I DSS Parameter Drain-source Breakdown Voltage Test Cond ition s I D = 250 A V GS = 0 Min. 200 10 100 100 Typ . Max. Un it V A A nA
Zero G ate Voltage V DS = Max Rating Drain Current (VGS = 0) V DS = Max Rating o C Gate-body Leakage Current (V DS = 0) V GS = 20 V
T c = 100
I GSS
ON ()
Symb ol V GS(th) R DS( on) ID(o n) Parameter Gate Voltage Threshold V DS = VGS Test Cond ition s ID = 250 A ID = 16 A 33 Min. 2 Typ . 3 0.073 Max. 4 0.085 Un it V A
Static Drain-source On V GS = 10 V Resistance
On State Drain Current V DS > I D(on) x R DS(on) max V GS = 10 V
DYNAMIC
Symb ol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse T ransfer Capacitance Test Cond ition s V DS > I D(on) x R DS(on) max V DS = 25 V f = 1 MHz I D = 16 A VGS = 0 Min. 10 Typ . 22 3500 550 120 4500 700 160 Max. Un it S pF pF pF
2/9
STW33N20
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symb ol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Cond ition s V DD = 100 V I D = 16 A VGS = 10 V R G = 4.7 (see test circuit, figure 3) V DD = 160 V I D = 33 A VGS = 10 V R G = 4.7 (see test circuit, figure 5) V DD = 160 V I D = 33 A VGS = 10 V Min. Typ . 25 50 800 Max. 40 70 Un it ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
110 17 50
160
nC nC nC
SWITCHING OFF
Symb ol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Cond ition s V DD = 160 V I D = 33 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ . 30 30 60 Max. 45 45 90 Un it ns ns ns
SOURCE DRAIN DIODE
Symb ol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 10 A V GS = 0 400 5.6 28 Test Cond ition s Min. Typ . Max. 33 132 1.6 Un it A A V ns C A
I SD = 33 A di/dt = 100 A/s V DD = 100 V T j = 150 o C (see test circuit, figure 5)
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/9
STW33N20
Derating Curve Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
4/9
STW33N20
Capacitance Variations Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
Turn-on Current Slope
Turn-off Drain-source Voltage Slope
Cross-over Time
5/9
STW33N20
Switching Safe Operating Area Accidental Overload Area
Source-drain Diode Forward Characteristics
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 2: Unclamped Inductive Waveform
6/9
STW33N20
Fig. 3: Switching Times Test Circuits For Resistive Load Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And DIode Recovery Times
7/9
STW33N20
TO-247 MECHANICAL DATA
mm MIN. A D E F F3 F4 G H L L3 L4 L5 M Dia 2 3.55 15.3 19.7 14.2 34.6 5.5 3 3.65 0.079 0.140 4.7 2.2 0.4 1 2 3 10.9 15.9 20.3 14.8 0.602 0.776 0.559 0.413 1.362 0.217 0.118 0.144 TYP. MAX. 5.3 2.6 0.8 1.4 2.4 3.4 MIN. 0.185 0.087 0.016 0.039 0.079 0.118 0.429 0.626 0.779 0.582 inch TYP. MAX. 0.209 0.102 0.031 0.055 0.094 0.134
DIM.
P025P
8/9
STW33N20
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
9/9


▲Up To Search▲   

 
Price & Availability of STW33N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X